PART |
Description |
Maker |
PMKC03-48S33 PMKC03 PMKC03-05D05 PMKC03-05D12 PMKC |
3 Watts of Output Power From a Package 瓦的输出功率封装 KPSE 19C 19#20 SKT PLUG 瓦的输出功率封装 3 Watts of Output Power From a Package 3瓦的输出功率封装 KPSE 19C 19#20 PIN PLUG
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FKC05-12D05 FKC05-12S12 FKC05-12S33 FKC05-24D12 FK |
5 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|
HEC50-24S05 HEC50-24S15 HEC50-24S1P8 HEC50-24S2P5 |
50 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
PFKC05-12S05 PFKC05-12S12 PFKC05-12S33 PFKC05-24D1 |
5 WATTS REGULATED OUTPUT POWER
|
Power Mate Technology Co., LTD
|
FED20-24D05W FED20-24D12W FED20-24D15W FED20-24S05 |
20 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
MDS500L |
new pulsed power transistor designed to provide 500 watts output power
|
Micrel Semiconductor
|
PSPD65 PSPD-65A PSPD-65B |
Dual Output Up to 65 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|
PSPS-45-12 PSPS-45-13.5 PSPS-45-15 PSPS-45-24 PSPS |
Single Output Up to 48 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|
PSPD25 PSPD-2512 PSPD-2515 PSPD-2505 PSPD-25A PSPD |
Dual Output Up to 25 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|
PSPD-45A PSPD-45B PSPD45 |
Dual Output Up to 45 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|